PART |
Description |
Maker |
R6200230 R6202250 R6201050 R6201850 R6201040 R6200 |
500 A, 400 V, SILICON, RECTIFIER DIODE General Purpose Rectifier (300-500 Amperes Average 2400 Volts) 通用整流器(300-500安培平均2400伏特 300 A, 2200 V, SILICON, RECTIFIER DIODE HERMETIC SEALED PACKAGE-2 300 A, 1200 V, SILICON, RECTIFIER DIODE 300 A, 200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX INC Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
SD300N16FV 301UR220 305UR220 301UR240 300UR20AMA 3 |
380 A, 1600 V, SILICON, RECTIFIER DIODE 300 A, 2200 V, SILICON, RECTIFIER DIODE, DO-205AB DIODE 300 A, 2400 V, SILICON, RECTIFIER DIODE, DO-205AB, Rectifier Diode DIODE 300 A, 200 V, SILICON, RECTIFIER DIODE, DO-205AB, Rectifier Diode
|
Vishay Semiconductors
|
SDR9105N SDR9103N |
100 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER 100 A, 300 V, SILICON, RECTIFIER DIODE, TO-258AA
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
EFM202L EFM201L EFM203L EFM204L EFM205L EFM206L EF |
2 A, 150 V, SILICON, RECTIFIER DIODE 2 A, 300 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere 2 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
DPG30I300HA |
30 A, 300 V, SILICON, RECTIFIER DIODE
|
IXYS CORP
|
BYT230PI-300 |
30 A, 300 V, SILICON, RECTIFIER DIODE
|
ST Microelectronics
|
SF15-T3 |
1 A, 300 V, SILICON, SIGNAL DIODE, DO-41
|
SENSITRON SEMICONDUCTOR
|
TC1313-BL0EMF TC1313-BL2EUN TC1313-BL0EMFTR TC1313 |
500 mA Synchronous Buck Regulator, 300 mA LDO 500毫安同步降压稳压器,300 mA的LDO
|
Microchip Technology Inc. Microchip Technology, Inc.
|
MUR6030SW-S |
60 A, 300 V, SILICON, RECTIFIER DIODE, TO-247AD
|
SENSITRON SEMICONDUCTOR
|
SRF-1016 SRF-1016Z |
65 - 300 MHZ SILICON GERMANIUM IF RECEIVER
|
Sirenza Microdevices, Inc
|
BZD27-C62135 BZD27-C200/T3 BZD27-C16/T3 |
300 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
NXP SEMICONDUCTORS
|
|